PART |
Description |
Maker |
LTC1605-2IGTR |
Single Supply 16-Bit, 100ksps, Sampling ADCs
|
Linear Technology
|
MAX1135BEAP MAX1134 MAX1134BCAP MAX1134BEAP MAX113 |
16-Bit ADCs / 150ksps / 3.3V Single Supply From old datasheet system Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 16-Bit ADCs, 150ksps, 3.3V Single Supply 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 16-Bit ADCs.150ksps.3.3V Single Supply 150ksps6位ADC.3V单电源供
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7892 AD7892AN-1 AD7892AN-2 AD7892AN-3 AD7892AR-1 |
True Bipolar Input, Single Supply, Parallel, 12-Bit 600 kSPS ADC LC2MOS Single Supply/ 12-Bit 600 kSPS ADC Ultra-High-Precision SOT23 Series Voltage Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, UUC LC2MOS Single Supply, 12-Bit 600 kSPS ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP24 LC2MOS Single Supply, 12-Bit 600 kSPS ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 LC2MOS Single Supply, 12-Bit 600 kSPS ADC
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
1814 AD7853 AD7853L EVAL-AD7853CB AD7853BNZ AD7853 |
Single Supply V.35 Transceiver; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C 3 V V单电源200 kSPS2位采样ADC 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: PDIP; No of Pins: 24; Temperature Range: Commercial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP24 3 V to 5 V Single Supply, 200 KSPS 12-Bit Sampling ADCs(单电200kSPS 12位采样A/D转换 From old datasheet system
|
Analog Devices, Inc.
|
LTC1605-2 LTC1605-1 160512I |
16-Bit, 100ksps, Sampling ADCs From old datasheet system
|
Linear
|
AD5384BBC-5REEL7 AD5384BBC-3REEL7 AD5384BBCZ-5 AD5 |
40-Channel, 3 V/5 V Single Supply,14-Bit, Serial Voltage-Output DAC; Package: CSPBGA (10x10x1.35); No of Pins: 100; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100 40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
LTC1605ACGPBF LTC1605ACSWTR |
16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
AD976 |
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters(100kSPS 16位A/D转换
|
Analog Devices, Inc.
|
AD5381 EVAL-AD5381EB AD5381BST-3 AD5381BST-3-REEL |
40-Channel 12-Bit 3 V/5 V Single-Supply Voltage-Output DAC 40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC From old datasheet system
|
AD[Analog Devices]
|
5962-9457701Q3A 5962-9457702Q3A |
Single 8-bit Bus Transceiver 8位总线收发 High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 位总线收发
|
TE Connectivity, Ltd. Vishay Intertechnology, Inc.
|
|